Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K310 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # K310
Description  Surface Mounted Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

K310 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  K310 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . K310 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
-55 to +150
50
Maximum repetitive peak reverse voltage
Single phase half-wave 60Hz,resistive or inductive load,
SOD123FL
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
70.0
Operating junction temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
IR
0.5
RqJA
TJ
85.0
C
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
K38
K310
K315
60
42
60
80
56
80
100
70
100
150
105
150
200
140
200
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Built-in strain relief,ideal for automated placement
Low reverse leakage
High forward surge current capability
Mechanical Data
Maximum Ratings And Electrical Characteristics
Dimensions in inches and (millimeters)
0.55
K320
K36
40
28
40
K34
20
14
20
K32
Parameter
0.70
0.85
0.95
10
0.05
A
m
-55 to +150
Storage temperature range
TSTG
C
-55 to +125
K3x-SERIES
Surface Mounted Schottky Barrier Rectifiers


Similar Part No. - K310

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
K310 YIXIN-K310 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
MTRONPTI
K3100G MTRONPTI-K3100G Datasheet
421Kb / 2P
3.3V Crystal Clock Oscillators
K3100G MTRONPTI-K3100G Datasheet
311Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
K3100GA MTRONPTI-K3100GA Datasheet
421Kb / 2P
3.3V Crystal Clock Oscillators
K3100GA MTRONPTI-K3100GA Datasheet
311Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
More results

Similar Description - K310

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT42WS FCI-BAT42WS Datasheet
200Kb / 2P
200 mA Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
DSK12L LEIDITECH-DSK12L Datasheet
514Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSK16L LEIDITECH-DSK16L Datasheet
712Kb / 2P
Surface Mounted Low VF Schottky Barrier Rectifiers
DSK23L LEIDITECH-DSK23L Datasheet
490Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
DSK34L LEIDITECH-DSK34L Datasheet
740Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSK36L LEIDITECH-DSK36L Datasheet
749Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSS24 LEIDITECH-DSS24 Datasheet
621Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
SS34LVFA LEIDITECH-SS34LVFA Datasheet
658Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
SS24LB LEIDITECH-SS24LB Datasheet
671Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
SS14F LEIDITECH-SS14F Datasheet
805Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com