Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K310 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # K310
Description  Surface Mounted Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

K310 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  K310 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . K310 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
 
 
 
 
 
 
K3x-SERIES
0
20
40
60
80
100
70
60
50
40
30
20
10
0
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
1
100
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
Lead Temperature
10
1Cycle
f=60Hz
4.5
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
20
40
60
80
100
120
140
160
Ratings And Characteristic Curves
K32-K36
K38-K320
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
50
10.0
1
0.1
0.01
K32-K34
K36
K38-K310
TJ=25 C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
K315-K320
PERCENT OF PEAK REVERSE VOLTAGE,%
100
10
1
0.1
0.01
0.001
TJ=100 C
TJ=25 C
K32-K36
K38-K320



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com