Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R24F0001.0 Datasheet(PDF) 8 Page - STMicroelectronics

Part # GS-R24F0001.0
Description  2A DC/DC converter modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R24F0001.0 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button GS-R24F0001.0 Datasheet HTML 4Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 5Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 6Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 7Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 8Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 9Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 10Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 11Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Additional features and protections
GS-R24F
8/12
5
Additional features and protections
5.1
Output overvoltage protection
The overvoltage protection, OVP, is realized by using an internal comparator, whose input is
connected to the feedback. It turns off the power stage when the OVP threshold is reached.
This threshold is typically 30% higher than the feedback voltage.
Figure 4.
Multiple units synchronization
Figure 2.
Output voltage programming
Figure 3.
Loop compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com