Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R24F0001.0 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS-R24F0001.0
Description  2A DC/DC converter modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R24F0001.0 Datasheet(HTML) 4 Page - STMicroelectronics

  GS-R24F0001.0 Datasheet HTML 1Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 2Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 3Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 4Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 5Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 6Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 7Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 8Page - STMicroelectronics GS-R24F0001.0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maximum ratings
GS-R24F
4/12
2
Maximum ratings
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Thermal de-rating
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
36
V
IOUT
Maximum output current
internally limit
V1
INH
-0.3 to VI
V
V12
Sync
-0.3 to 4
V
V11
FB
4
V
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Tstg
Storage temperature range
-40 ÷ 105
°C
Top
Operating ambient temperature
-25 ÷ 85
°C
Table 4.
Thermal de-rating for free air condition (all versions)
Symbol
Parameter
Test condition
Value
Unit
Io
Output current
VI = 16 ÷ 35V --------TA = 60°C
1.95
A
VI = 16 ÷ 35V---------TA = 65°C
1.85
VI = 16 ÷ 35V ---------TA = 70°C
1.75
VI = 16 ÷ 35V ---------TA = 75°C
1.65
VI = 16 ÷ 35V ---------TA = 80°C
1.55
VI = 16 ÷ 35V ------ --TA = 85°C
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com