Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2H2 Datasheet(PDF) 2 Page - BusBoard Prototype Systems Ltd.

Part # PR2H2
Description  A BOX2-1455L extruded aluminum enclosure with a PR2H2 2-hole per strip ProtoBoard.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

PR2H2 Datasheet(HTML) 2 Page - BusBoard Prototype Systems Ltd.

  PR2H2 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. PR2H2 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT DATASHEET
BusBoard Prototype Systems
"Faster ways to build prototypes"
REV 1
www.BusBoard.com
The BOX2-1455L is an extruded aluminum
enclosure for electronic projects. The
enclosure is designed for BusBoard Prototype
Systems size 2 prototype PCBs (100 x 80mm
boards).
The PC boards mount horizontally by sliding
into 5 built-in card guide slots. Two aluminum
end panels are provided with attractive
plastic bezels to hide the seams. The screws
are recessed flathead type to provide a flat
surface. The aluminum is anodized for
protection from the elements. The end
panels and the top plate can be removed for
easy drilling or cutting of holes. Screws and
adhesive rubber feet are included.
The ProtoBoard-2H-2 prototyping circuit
board has 2-hole pre-cut strips. The
convenient 2-hole ProtoBoard pattern
provides an easy way to connect parts while
maximizing usable board area.
ProtoBoard-2H is a good pattern for compact
circuit layouts, and it is often more
convenient than pad-per-hole patterns. It is
good for analog use as well as digital since
many discrete components can be located
closely. It is a single-sided board with holes
on 0.1” centers. An anti-tarnish coating
protects the copper for a long shelf-life and
provides easy soldering.
Details (BOX2-1455L)
Details (PR2H2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com