Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2H2 Datasheet (PDF) - BusBoard Prototype Systems Ltd.

PR2H2 Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # PR2H2
Download  PR2H2 Download
File Size   730.41 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A BOX2-1455L extruded aluminum enclosure with a PR2H2 2-hole per strip ProtoBoard.

PR2H2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR2H2 Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # PR2H2
Download  PR2H2 Click to download

File Size   730.41 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A BOX2-1455L extruded aluminum enclosure with a PR2H2 2-hole per strip ProtoBoard.

PR2H2 Datasheet (HTML) - BusBoard Prototype Systems Ltd.


PR2H2 Product details

• Box is anodized extruded aluminum with
end plates anodized to match and
polycarbonate plastic bezels.
• Available in four colors.
• Box Size 4.18 x 3.42 x 1.2 inches
(106 x 87 x 30.5 mm).
• 5 built-in card guides for size 2 PCBs
(100 x 80mm).
• Screws and self adhesive rubber feet
included.
• Slide out top panel plate
• Rugged body constructed from extruded
aluminum with a minimum thickness of
.06" (1.5 mm).
Enclosure Features:




Similar Part No. - PR2H2

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
PR2H1 BUSBOARD-PR2H1 Datasheet
726Kb / 2P
A BOX1-1455C extruded aluminum enclosure with a PR2H1 2-hole per strip ProtoBoard.
REV 1
logo
MTRONPTI
PR2HC MTRONPTI-PR2HC Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
PR2HCS MTRONPTI-PR2HCS Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
PR2HCXX MTRONPTI-PR2HCXX Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
PR2HD MTRONPTI-PR2HD Datasheet
291Kb / 2P
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
More results


Similar Description - PR2H2

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
KR1550 LUMINIS-KR1550 Datasheet
536Kb / 3P
Extruded aluminum driver housing module with a fine linear stria pattern.
KR1555 LUMINIS-KR1555 Datasheet
536Kb / 3P
Extruded aluminum driver housing module with a fine linear stria pattern.
SQ502 LUMINIS-SQ502 Datasheet
122Kb / 2P
Extruded aluminum housing
SQ510 LUMINIS-SQ510 Datasheet
111Kb / 2P
Extruded aluminum housing
logo
BusBoard Prototype Syst...
1553B BUSBOARD-1553B Datasheet
1Mb / 5P
A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1553DBAT BUSBOARD-1553DBAT Datasheet
2Mb / 6P
A Hammond 1553DBAT soft-side plastic enclosure with battery compartment, packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590B BUSBOARD-1590B Datasheet
986Kb / 5P
A Hammond 1590B rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590BB BUSBOARD-1590BB Datasheet
940Kb / 5P
A Hammond 1590BB rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com