Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS31 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # BAS31
Description  Silicon Epitaxial Planar Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BAS31 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  BAS31 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BAS31 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BAS31 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Epitaxial Planar Switching Diodes
BAS29
BAS31
BAS35
3
3
3
1
2
1
2
1
2
BAS29 Marking Code: L20
BAS31 Marking Code: L21
BAS35 Marking Code: L22
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
120
V
Maximum Average Forward Current
IF(AV)
200
mA
Repetitive Peak Forward Current
IFRM
600
mA
Non-Repetitive Peak Forward Surge Current
t = 1 µs
t = 1 s
IFSM
2
1
A
Power Dissipation
Ptot
350
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 10 mA
at IF = 50 mA
at IF = 100 mA
at IF = 200 mA
at IF = 400 mA
VF
VF
VF
VF
VF
-
-
-
-
-
750
840
900
1
1.25
mV
mV
mV
V
V
Reverse Current
at VR = 90 V
at VR = 90 V, TJ = 150 OC
IR
IR
-
-
100
100
nA
µA
Reverse Breakdown Voltage
at IR = 1 mA
V(BR)R
120
-
V
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
35
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 1 mA, RL = 100 Ω
trr
-
50
ns
BAS29-BAS31-BAS35


Similar Part No. - BAS31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS31 PHILIPS-BAS31 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Transys Electronics
BAS31 TRSYS-BAS31 Datasheet
161Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Jinan Gude Electronic D...
BAS31 JGD-BAS31 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
High Voltage General Purpose Diode
logo
TRANSYS Electronics Lim...
BAS31 TEL-BAS31 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
More results

Similar Description - BAS31

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1ST112WS SEMTECH_ELEC-1ST112WS Datasheet
305Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODES
logo
Toshiba Semiconductor
TBAV99 TOSHIBA-TBAV99 Datasheet
178Kb / 5P
Switching Diodes Silicon Epitaxial Planar
1SS427 TOSHIBA-1SS427_14 Datasheet
196Kb / 7P
Switching Diodes Silicon Epitaxial Planar
1SS302A TOSHIBA-1SS302A Datasheet
170Kb / 6P
Switching Diodes Silicon Epitaxial Planar
logo
SHIKUES Electronics
BAS29 SKTECHNOLGY-BAS29 Datasheet
412Kb / 3P
Silicon Epitaxial Planar Switching Diodes
logo
Toshiba Semiconductor
BAS516 TOSHIBA-BAS516 Datasheet
212Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV70 TOSHIBA-BAV70 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99 TOSHIBA-BAV99 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
TBAV70 TOSHIBA-TBAV70 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
TBAW56 TOSHIBA-TBAW56 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com