Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-CAR Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # BAV20WS-CAR
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BAV20WS-CAR Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  BAV20WS-CAR Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BAV20WS-CAR Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BAV20WS-CAR Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD-323
SWITCHING DIODE
FEATURES
Low Reverse Current
Surface Mount Package Ideally Suited for Automatic Insertion
Fast Switching Speed
For General Purpose Switching Applications
-CAR for automotive and other applications requiring unique site and
control change requirements;AEC-Q101 qualified and PPAP capable
MAXIMUM RATINGS ( Ta=25
℃ unless otherwise noted )
Value
Symbol
Parameter
BAV19WS
BAV20WS BAV21WS
Unit
VRM
Non-Repetitive Peak Reverse Voltage
120
200
250
V
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
100
150
200
V
VR(RMS)
RMS Reverse Voltage
71
106
141
V
IO
Average Rectified Output Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current @ t=8.3ms
2.0
A
PD
Power Dissipation
500
mW
RΘJA
Thermal Resistance from Junction to Ambient
250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
VR=100V
BAV19WS
0.1
VR=150V
BAV20WS
0.1
Reverse current
IR
VR=200V
BAV21WS
0.1
uA
IF=100mA
1
Forward voltage
VF
IF=200mA
1.25
V
Total capacitance
Ctot
VR=0V,f=1MHz
5
pF
Reverse recovery time
trr
IF= IR =30mA, Irr=0.1*IR , RL=100
Ω
50
ns
MARKING: BAV19WS
BAV20WS
BAV21WS
T2
T3
A
8
AVxxWS-CAR SERIES
B


Similar Part No. - BAV20WS-CAR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV20WS-7 DIODES-BAV20WS-7 Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
BAV20WS-7-F DIODES-BAV20WS-7-F Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
BAV20WS-7-F DIODES-BAV20WS-7-F Datasheet
79Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
BAV20WS-7-F DIODES-BAV20WS-7-F Datasheet
182Kb / 5P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 18
logo
Vishay Siliconix
BAV20WS-E3-08 VISHAY-BAV20WS-E3-08 Datasheet
87Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
More results

Similar Description - BAV20WS-CAR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com