Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1008
Description  125W, 50V, DC – 3.2 GHz, GaN RF Transistor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1008 Datasheet HTML 9Page - Qorvo, Inc QPD1008 Datasheet HTML 10Page - Qorvo, Inc QPD1008 Datasheet HTML 11Page - Qorvo, Inc QPD1008 Datasheet HTML 12Page - Qorvo, Inc QPD1008 Datasheet HTML 13Page - Qorvo, Inc QPD1008 Datasheet HTML 14Page - Qorvo, Inc QPD1008 Datasheet HTML 15Page - Qorvo, Inc QPD1008 Datasheet HTML 16Page - Qorvo, Inc QPD1008 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
QPD1008
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. E, May 2020 | Subject to change without notice
13 of 23
www.qorvo.com
Typical 2-Tone Performance
– 0.96 – 1.215 GHz EVB at 25 °C 1
Notes:
1.
Center Frequency = 1.095 GHz, Tone Spacing = 10 MHz, IDQ = 260 mA and 520 mA.
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
40
41
42
43
44
45
46
47
48
49
50
51
PEP [dBm]
Intermodulation Products, 0.96 - 1.215 GHz EVB
IM3 Lower 260 mA
IM3 Upper 260 mA
IM5 Lower 260mA
IM5 Upper 260 mA
IM3 Lower 520 mA
IM3 Upper 520 mA
IM5 Lower 520 mA
IM5 Upper 520 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com