Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPD1008
Description  125W, 50V, DC – 3.2 GHz, GaN RF Transistor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPD1008 Datasheet HTML 1Page - Qorvo, Inc QPD1008 Datasheet HTML 2Page - Qorvo, Inc QPD1008 Datasheet HTML 3Page - Qorvo, Inc QPD1008 Datasheet HTML 4Page - Qorvo, Inc QPD1008 Datasheet HTML 5Page - Qorvo, Inc QPD1008 Datasheet HTML 6Page - Qorvo, Inc QPD1008 Datasheet HTML 7Page - Qorvo, Inc QPD1008 Datasheet HTML 8Page - Qorvo, Inc QPD1008 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
QPD1008
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. E, May 2020 | Subject to change without notice
2 of 23
www.qorvo.com
Absolute Maximum Ratings1
Parameter
Rating
Units
Breakdown Voltage, BVD
+145
V
Gate Voltage Range, VG
-7 to +2
V
Drain Current, IDMAX
20.4
A
Gate Current Range, IG
See page 4.
mA
Power Dissipation, CW, PDISS, Base Temperature = 85 °C
79
W
RF Input Power, CW, 50 Ω, T = 25 °C
+40
dBm
Mounting Temperature (30 Seconds)
320 
°C
Storage Temperature
−40 to +150
°C
Notes:
1.
. Operation of this device outside the parameter ranges given above may cause permanent damage.
Recommended Operating Conditions1
Parameter
Min
Typ
Max
Units
Operating Temperature Range
−40
+25
+85
 °C
Drain Voltage Range, VD
+12
+50
+55
V
Drain Current, ID3
–
4.0
–
A
Drain Bias Current, IDQ
–
260
–
mA
Gate Voltage, VG4
–
−2.8
–
V
Power Dissipation, CW (PD)2
–
–
71
W
Power Dissipation, Pulsed (PD)2, 3
–
–
127
W
Notes:
1. Electrical performance is measured under conditions noted in the electrical specifications table. Specifications are not guaranteed
over all recommended operating conditions.
2. Package at 85 °C
3. Drain current at P3dB, Pulse Width = 128 uS, Duty Cycle = 10%
4. To be adjusted for desired IDQ
Electrical Characterization
Symbol
Parameter
Min
Typical
Max
Units
Gate
Leakage
VD = +10 V, VG
= −3.8 V
−23.1
–
–
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com