Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MMS
Description  SINE WAVE POWER FOR RUGGED MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MMS Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MMS Datasheet HTML 1Page - Sensata Technologies, Inc. MMS Datasheet HTML 2Page - Sensata Technologies, Inc. MMS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
SPECIFICATIONS
MMS1012
MMS1012-G
INVERTER SPECIFICATIONS
Input battery voltage range
9 to 17 VDC
9 to 17 VDC
Nominal AC output voltage
120 VAC ± 5%
120 VAC ± 5%
Output frequency and accuracy
60 Hz ± 0.1 Hz
60 Hz ± 0.1 Hz
Total Harmonic Distortion (THD)
< 5%
< 5%
1 msec surge current (amps AC)
38
38
100 msec surge current (amps AC)
21
21
5 sec surge power (real watts)
1750
1750
30 sec surge power (real watts)
1600
1600
5 min surge power (real watts)
1200
1200
30 min surge power (real watts)
1050
1050
Maximum continuous input current
133 ADC
133 ADC
Inverter efficiency (peak)
87%
87%
Transfer time
16 msecs
16 msecs
Search mode (typical)
5 watts
5 watts
No load (120 VAC output, typical)
19 watts
19 watts
Waveform
Pure Sine Wave
Pure Sine Wave
CHARGER SPECIFICATIONS
Continuous output at 25° C
50 ADC
50 ADC
Charger efficiency
84%
84%
Power factor
> .95
> .95
Input current at rated output (AC amps)
7
7
GENERAL FEATURES AND CAPABILITIES
Transfer relay capability
20 AAC (input current for charging and pass through)
Battery temperature compensation
Yes, 15 ft Battery Temp Sensor standard
Internal cooling
0 to 59 cfm variable speed
Overcurrent protection
Yes, with two overlapping circuits
Overtemperature protection
Yes, on transformer and MOSFETS
On/Off with status indicator
Yes, front mounted and easily accessible
Low battery cutout
10 VDC, adjustable with the ME-RC remote
AC output/AC input
Hardwire/Hardwire
Hardwire/3 ft cord
Output circuit breaker/Input circuit breaker
15A/20AAC
NA/15AAC
Listings
ETL Listed to UL/cUL458, CSA C22.2 #107.1-01, meets KKK-A-1822E standard
Warranty
Two years



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com