Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MMS
Description  SINE WAVE POWER FOR RUGGED MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MMS Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MMS Datasheet HTML 1Page - Sensata Technologies, Inc. MMS Datasheet HTML 2Page - Sensata Technologies, Inc. MMS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
MMS SERIES | INVERTER/CHARGER
SINE WAVE POWER FOR RUGGED MOBILE APPLICATIONS
Features
• Low/high battery protection – If your battery voltage reaches
below 10 VDC or above 17 VDC, the MMS Series will
automatically shut down.
• Versatile mounting – Mount the MMS Series on a shelf,
bulkhead, or even upside down.
• Fan cooled – The MMS Series is fan cooled, enabling the unit
to work well in confined spaces. If the inverter does exceed its
temperature limits, it will automatically shut down and then
restart when it cools down.
• Current overload protection – The MMS Series will automatically
shut down if its output wattage is exceeded or it detects a short
in the wiring, saving the unit from costly damage.
• Convenient switches – The MMS Series comes with an on/off
front-mounted switch with an easy-to-read LED indicator.
• Circuit breaker protection – This model comes with built in input
and output circuit breakers for ease of installation.
• Battery temp sensor – The standard battery temp sensor
monitors temperatures from 0 - 50° C.
• Buy with ease – The MMS Series is backed by a two-year
(24-month) parts and labor warranty.
Introduction
The MMS Series Inverter / Charger is a pure sine wave inverter providing a cost effective solution for those with smaller power needs in mobile
applications. Versatile, easy-to-use, and lightweight, the MMS Series provides a reliable base for your energy system. Power Factor Corrected
(PFC) Charger: Our PFC charger is built into all of our inverter/chargers. It uses less energy from a generator than a standard charger – using
25-30% less AC current than standard chargers. Safe and reliable: The MMS Series is ETL Listed to the stringent requirements of UL/cUL 458 and
CSA C22.2 #107.1-01 for mobile use. Attractive styling: The modern, hourglass case, paired with the die cast aluminum base combines form with
function, creating an attractive unit that uses its base as a heat sink for superior high temperature operation.
Model Numbers
• MMS1012
• MMS1012-G
Available For
• Emergency Vehicles
• Marine Systems
• RV Systems
Available Accessories
• DC Load Disconnect
• Fuse Blocks
• MagWeb
• Remote - ME-ARC
• Remote - ME-RC
• Remote - MM-RC
Pure Sine Wave
12
1000
VA
Battery Voltage Options
Continuous Output Options


Similar Part No. - MMS

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMS SUNMATE-MMS Datasheet
224Kb / 2P
500mW Surface Mount Zener Diodes
logo
Radiall. All rights res...
MMS RADIALL-MMS Datasheet
273Kb / 5P
STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
03-02-17B
logo
Molex Electronics Ltd.
MMS-00013-02 MOLEX-MMS-00013-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00013-04 MOLEX-MMS-00013-04 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00014-02 MOLEX-MMS-00014-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
More results

Similar Description - MMS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82614 EPCOS-B82614 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
Sine Wave Oscillators
logo
Oscilent Corporation
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
Clipped Sine Wave
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
Clipped Sine Wave
logo
QUARTZCOM the communica...
TX5-256AL QUARTZCOM-TX5-256AL Datasheet
191Kb / 1P
SMD TCXO Clipped sine wave Applications: mobile communications, instrumentation, broadcast
logo
Oscilent Corporation
580 OSCILENT-580 Datasheet
144Kb / 2P
Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
Clipped Sine Wave
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
Power line chokes Sine-wave chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com