Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12N Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PDIUSBH12N
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12N Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PDIUSBH12N Datasheet HTML 12Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 13Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 14Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 15Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 16Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 17Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 18Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 19Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
16
Get Port Status
Command
: E0h–E1h
Data
: Read 1 or 2 bytes
The Get Port Status Command can be followed by one or two data
reads. The first byte returned contains the port status. The second
byte returned is the port status change byte.
Port Status Byte
SV00846
POWER ON VALUE
CONNECT
ENABLED
SUSPEND
OVERCURRENT
RESET
POWER
LOW SPEED
76
5
4
3
2
0
1
0
0
00
00
X0
RESERVED
Connect
A ‘1’ indicates that a device is connected on
this port of the hub.
Enabled
A ‘1’ indicates that this port is enabled.
Suspend
A ‘1’ indicates that this port is suspended.
OverCurrent
A ‘1’ indicates that overcurrent condition
exists on this port. In mode 0 of operation,
this bit is the same for all ports. In mode 1,
individual port overcurrent indication is
possible.
Reset
A ‘1’ indicates that bus reset on this port is in
progress. When reset is completed (nominal
duration of 10 ms), this bit indicates a ‘0’.
Power
A ‘1’ indicates that power is supplied to
downstream ports. Since the PDIUSBH12
supports gang mode power switching, this
bit is the same for all ports.
Low Speed
A ‘1’ indicates that low speed device is
connected to this port. This bit is only valid
when Connect bit is a ‘1’.
Port Status Change Byte
The description for the Port Status Change Byte is similar to the Port
Status Byte except that the value of the bits are ‘1’ only when a
change has occurred.
SV00847
POWER ON VALUE
CONNECT
ENABLED
SUSPEND
OVERCURRENT
RESET
76
5
4
3
2
0
1
0
0
00
X0
XX
RESERVED
Set Status Change Bits
Command
: F7h
Data
: Write 1 byte
For assembling the hub’s status change register, the device needs
some additional information from the controller, i.e. the Local Power
Status Change bit and the embedded function Status Change bit.
These are provided by the Set Status Change Bits command. This
command is always followed by one data write which contains the
Local Power Status Change bit at the LSB and the embedded
function Status Change bit at position 1. All other bits should be 0.
SV00848
76
5
4
3
2
0
1
0
0
POWER ON VALUE
LOCAL POWER
EMBEDDED FUNCTION 1
00
XX
XX
RESERVED
EMBEDDED FUNCTION 6
EMBEDDED FUNCTION 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com