Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDIUSBH12N
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12N Datasheet(HTML) 2 Page - NXP Semiconductors

  PDIUSBH12N Datasheet HTML 1Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 2Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 3Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 4Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 5Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 6Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 7Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 8Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
2
1999 Jul 22
853-2062 22025
FEATURES
• Complies with the Universal Serial Bus specification Rev. 1.0
• Complies with the ACPI, OnNOW, and USB power management
requirements
• Compliant with USB Human Interface Devices and Monitor
Control Class
• Compliant with System Management Bus Specification Rev. 1.0
• Two downstream ports with per packet connectivity and auto
speed detection
• Supports up to 3 embedded functions
• Integrated SIE (Serial Interface Engine), FIFO memory and
transceivers
• Automatic USB protocol handling
• High speed slave I2C Interface (up to 1 Mbit/s)
• Compatible with the PDIUSBH11 hardware and software
• Software controllable connection to USB bus (SoftConnect™)
• Good USB downstream connection indicators that blink with traffic
(GoodLink
™)
• Low frequency 12 MHz crystal oscillator eases EMI design issues
• Programmable output clock frequency
• Bus powered capability with very low suspend current
• Controllable LazyClock output at 30 kHz (nominal) during suspend
• Single 3.3V supply with 5V tolerant I/O
• Available in 28-pin DIP and SO packages
• Full-scan design with high fault coverage (>99%) insures high
quality
• Higher than 8 KV in-circuit ESD protection lowers cost of extra
components
DESCRIPTION
The Universal Serial Bus Hub PDIUSBH12 is a cost and feature
optimized second generation USB Hub with 2 downstream ports and
3 embedded functions (compound hub). It is normally used in any
microcontroller-based system and communicates with the system
microcontroller over the high speed I2C serial bus. This modular
approach to implementing a hub and embedded functions allows the
designer to choose the optimum system microcontroller from the
available wide variety. This flexibility cuts down the development
time, risks and costs by allowing the use of the existing architecture
and the firmware investments. This results in the fastest way to
develop the most cost-effective USB peripheral solutions that need
hub functionality. The PDIUSBH12 is ideally suited for computer
monitors, docking stations, keyboards and many other applications
that use the I2C or the SMBus based architecture.
The PDIUSBH12 conforms to the USB specification Rev 1.0, I2C
serial interface and the SMBus specifications. It is fully compliant
with the Human Interface Device Class and Monitor Control Class
specifications. Its low suspend power consumption along with the
programmable LazyClock output allows for easy implementation of
equipment that is compliant to the ACPI, OnNow and USB power
management requirements. The low operating power allows the
implementation of the bus powered or the compound powered hub
function.
The PDIUSBH12 is fully backward compatible to the first generation
PDIUSBH11 hardware and software. This allows an easy running
change in the manufacturing line to realize the cost savings. In
addition, it also incorporates the feature enhancements like
SoftConnect™, GoodLink
™, LazyClock, programmable clock output,
lower frequency crystal oscillator, additional embedded functions
and integration of termination resistors. All of these feature
enhancements contribute to significant cost savings in the system
implementation and at the same time ease the implementation of
advanced USB functionality into the peripherals.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
28-pin plastic SO
–40
°C to +85°C
PDIUSBH12 D
PDIUSBH12 D
SOT136-1
28-pin plastic DIP
–40
°C to +85°C
PDIUSBH12 N
PDIUSBH12 N
SOT117-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com