Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

413 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # 413
Description  SOT23 NPN silicon planar avalanche transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

413 Datasheet(HTML) 1 Page - Zetex Semiconductors

  413 Datasheet HTML 1Page - Zetex Semiconductors 413 Datasheet HTML 2Page - Zetex Semiconductors 413 Datasheet HTML 3Page - Zetex Semiconductors 413 Datasheet HTML 4Page - Zetex Semiconductors 413 Datasheet HTML 5Page - Zetex Semiconductors 413 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 3 - March 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
FMMT413
SOT23 NPN silicon planar avalanche transistor
Summary
V(BR)CES = 150V, V(BR)CEO = 50V, IUSB = 25A
Description
The FMMT413 is a NPN silicon planar bipolar transistor optimized for
avalanche mode operation. Tight process control and low inductance
packaging combine to produce high current pulses with fast edges, ideal
for laser diode driving.
Features
•
Avalanche mode operation
•
50A peak avalanche current
•
Low inductance packaging
Applications
•
Laser LED drivers
•
Fast edge generation
•
High speed pulse generators
Ordering information
Device marking
413
Device
Reel size
(inches)
Tape width
(mm)
Quantity per
reel
FMMT413TD
7
8
500
FMMT413TA
7
8
3,000
C
E
B
C
E
B
Pinout - top view


Similar Part No. - 413

ManufacturerPart #DatasheetDescription
logo
3M Electronics
413 3M-413 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Adafruit Industries
413 ADAFRUIT-413 Datasheet
1Mb / 3P
Large push push-pull solenoid
3-6-18
logo
Keystone Electronics Co...
413 KEYSTONE-413 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Dormer Pramet
413 DORMER-413 Datasheet
28Kb / 1P
Flute geometry
logo
Eclipse Magnetics Ltd
413 ECLIPSEMAGNETICS-413 Datasheet
24Kb / 1P
Toolmakers Clamps
More results

Similar Description - 413

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413 Datasheet
98Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT415 ZETEX-FMMT415 Datasheet
97Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX413 ZETEX-ZTX413 Datasheet
44Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX415 ZETEX-ZTX415 Datasheet
61Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZUMT413 ZETEX-ZUMT413 Datasheet
54Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
SOT23 NPN silicon planar avalanche transistor
March 2006
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
ZTX415 DIODES-ZTX415 Datasheet
73Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
NOVEMBER 1995
FMMT417TA DIODES-FMMT417TA Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
ZTX413 DIODES-ZTX413 Datasheet
72Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
MARCH 1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com