Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT620TC Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT620TC
Description  SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT620TC Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT620TC Datasheet HTML 1Page - Zetex Semiconductors FMMT620TC Datasheet HTML 2Page - Zetex Semiconductors FMMT620TC Datasheet HTML 3Page - Zetex Semiconductors FMMT620TC Datasheet HTML 4Page - Zetex Semiconductors FMMT620TC Datasheet HTML 5Page - Zetex Semiconductors FMMT620TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 2 - JUNE 2006
SEMICO NDUC TORS
FMMT620
1
SuperSOT™
80V NPN SILICON LOW SATURATION TRANSISTOR
C
E
B
SUMMARY
V
CEO=80V; RSAT = 90m
;I
C= 1.5A
DESCRIPTION
Enhancing the existing SuperSOT range this 80V NPN transistor utilises the
Zetex matrix structure combined with advanced assembly techniques. Users
are provided with high Hfe and very low sat performance ensuring low on
state losses.
FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• h
FE characterised up to 3.0A
• I
C=1.5A Continuous Collector Current
• SOT23 package
APPLICATIONS
• DC - DC Modules
• Power Management Functions
• CCFL Backlighting Inverters
• Motor control and drive functions
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
FMMT620TA
7
8mm embossed
3000 units
FMMT620TC
13
8mm embossed
10000 units
DEVICE MARKING
620
Top View
SOT23


Similar Part No. - FMMT620TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT620TC ZETEX-FMMT620TC Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT620TC DIODES-FMMT620TC Datasheet
208Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DS32123 Rev. 2 - 2
More results

Similar Description - FMMT620TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DS32123 Rev. 2 - 2
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 2
ZXTN620MA DIODES-ZXTN620MA Datasheet
162Kb / 7P
80V NPN LOW SATURATION TRANSISTOR
Rev 3
ZXTEM322 DIODES-ZXTEM322 Datasheet
411Kb / 6P
80V NPN LOW SATURATION TRANSISTOR
JUNE 2006
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
ZXTN620MA DIODES-ZXTN620MA_15 Datasheet
164Kb / 7P
80V NPN LOW SATURATION TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com