Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90AT03 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SPLPL90AT03
Description  Radial T1 3/4 Pulsed Laser Diode in Plastic Package 75 W Peak Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90AT03 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SPLPL90AT03 Datasheet HTML 5Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 6Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 7Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 8Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 9Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 10Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 11Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 12Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SPL PL90AT03
DATASHEET
DATASHEET
11 | Version 1.0 | 2023-04-12
Glossary
1)
Brightness: The brightness values are measured with a tolerance of ±11%.
2)
Wavelength: The wavelengths are measured with a tolerance of ±1 nm.
3)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
4)
Testing temperature: TA = 25°C (unless otherwise specified)
5)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com