Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90AT03 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLPL90AT03
Description  Radial T1 3/4 Pulsed Laser Diode in Plastic Package 75 W Peak Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90AT03 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLPL90AT03 Datasheet HTML 1Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 2Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 3Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 4Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 5Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 6Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 7Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 8Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPL PL90AT03
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-04-12
Radial T1 3/4
SPL PL90AT03
Pulsed Laser Diode in Plastic Package 75 W Peak Power
Applications
- 3D Sensing
- Robotics
Features
- Laser wavelength 905 nm
- Suited for short laser pulses from 1 to 100 ns
- Contact width 70 µm
- Cost effective plastic package for high volume applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com