Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1480ACPI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1480ACPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480ACPI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1480ACPI Datasheet HTML 9Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 10Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 11Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 12Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 13Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 14Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 15Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 16Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
______________________________________________________________________________________
13
Under these conditions, the MAX1480B/MAX1480C/
MAX1490B supply current is reduced to as low as 0.2µA.
The high-speed optocouplers on the MAX1480A/
MAX1480C/MAX1490A consume an additional 10mA
through VCC5 (VCC4 for the MAX1490A). Therefore, to
completely shut down these devices, use an external P-
channel MOSFET as shown in Figure 3. In normal opera-
tion, SD is low, turning the MOSFET on and thereby pro-
viding power to all the VCC_ pins. When SD is pulled high,
the power oscillator is disabled and the switch is turned
off, disconnecting power from the DI and DE optocou-
plers. In normal operating mode, the switch carries only
the optocoupler currents, so an on-resistance of several
ohms will not significantly degrade efficiency.
SHIELD (OPTIONAL)
EXTERNAL RS-485/RS-422 WIRING
A
RL
RL
B
Z
Y
RL
RL
R3
R4
R5, 100
Ω
SH1
SH2
R1
R2
R6, 100
Ω
DI
´
VIN
5V
22
µF
0.1
µF
C1
C2
MAX1490A/B
LOGIC GROUND
ISOLATION BARRIER
ISOLATED COMMON
DRIVER INPUT
RECEIVER OUTPUT
DI
RO
74HC86
OR EQUIVALENT
MAX845
N
MAX1490A: MAX490
MAX1490B: MAX488
ISO DI DRV
ISO RO DRV
A
B
Z
Y
D
R
N
Q
Q
T F/F
VCC3
FS
OSC
1.07MHz/
1.45MHz
SD
GND1
D2
D1
SHIELD (OPTIONAL)
NOTE: RESISTORS R5 AND R6 PROTECT
THE MAX1490A/B FROM TRANSIENT
CURRENTS BETWEEN SHIELD AND
TRANSMISSION LINES.
TWISTED PAIR
TO OTHER TRANSCEIVERS
TERMINATING RESISTOR
(ONE RESISTOR ON EACH END)
TWISTED PAIR
TO OTHER TRANSCEIVERS
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AC1 (MAKE NO CONNECTION)
AC2 (MAKE NO CONNECTION)
ISO VCC1
ISO RO DRV
D2
D1
VCC2
VCC1
A
B
Z
Y
VCC3
SD
FS
GND1
16
15
14
13
9
10
11
12
ISO COM1
ISO DI DRV
ISO VCC2
ISO RO LED
GND2
R0
VCC4
DI
Figure 2. MAX1490A/MAX1490B Detailed Block Diagram and Typical Application Circuit
Table 2. Pull-Up and LED Drive Resistors
1000
3000
R2 (
Ω)
1000
3000
R4 (
Ω)
330
330
R3 (
Ω)
200
MAX1490A
200
MAX1490B
R1 (
Ω)
PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com