Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1480ACPI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1480ACPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480ACPI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1480ACPI Datasheet HTML 1Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 2Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 3Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 4Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 5Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 6Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
R = 50
Ω (RS-422)
2
Differential Driver Output
(With Load)
VOD2
R = 27
Ω (RS-485), Figure 4
1.5
5.0
V
Differential
0.3
Change in Magnitude of
Differential Output Voltage for
Complementary Output States
∆VOD
R = 27
Ω or 50Ω,
Figure 4
Common mode
0.3
V
Driver Common-Mode Output
Voltage
VOC
R = 27
Ω or 50Ω, Figure 4
4
V
MAX1480A/B/C
1
VIN = 12V
MAX1490A/B
0.25
MAX1480A/B/C
0.8
Input Current (A, B)
ISO IIN
DE´ = 0V,
VCC_ = 0V
or 5.5V
VIN = -7V
MAX1490A/B
0.2
mA
MAX1480A/B/C
48
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
MAX1490A/B
12
k
Ω
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
-0.2
+0.2
V
Receiver Input Hysteresis
∆VTH
VCM = 0V
70
mV
Receiver Output/Receiver Output
Low Voltage
VOL
Using resistor values listed in
Tables 1 and 2
0.4
V
Receiver Output/Receiver Output
High Current
IOH
VOUT = 5.5V
250
µA
Driver Short-Circuit Current
ISO IOSD
-7V
≤ VO ≤ 12V (Note 4)
100
mA
ELECTRICAL CHARACTERISTICS (continued)
(VCC_ = 5V ±10%, VFS = VCC_, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC_ = 5V and TA = +25°C.) (Notes 1, 2)
SWITCHING CHARACTERISTICS—MAX1480A/MAX1490A
(VCC_ = 5V ±10%, FS = VCC_, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC_ = 5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
100
275
Driver Input to Output
Propagation Delay
tPHL
Figures 5 and 7, RDIFF = 54
Ω, CL1 = CL2
= 100pF
100
275
ns
Driver Output Skew
tSKEW
Figures 5 and 7, RDIFF = 54
Ω, CL1 = CL2
= 100pF
25
90
ns
Driver Rise or Fall Time
tR, tF
Figures 5 and 7, RDIFF = 54
Ω, CL1 = CL2
= 100pF
15
40
ns
Driver Enable to Output High
(MAX1480A Only)
tZH
Figures 6 and 8, CL = 100pF, S2 closed
0.2
1.5
µs
Driver Enable to Output Low
(MAX1480A Only)
tZL
Figures 6 and 8, CL = 100pF, S1 closed
0.2
1.5
µs
Driver Disable Time from Low
(MAX1480A Only)
tLZ
Figures 6 and 8, CL = 15pF, S1 closed
0.2
1.5
µs
Driver Disable Time from High
(MAX1480A Only)
tHZ
Figures 6 and 8, CL = 15pF, S2 closed
0.2
1.5
µs
tPLH
100
225
Receiver Input to Output
Propagation Delay
tPHL
Figures 5 and 10, RDIFF = 54
Ω, CL1 = CL2
= 100pF
100
225
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com