Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54 Datasheet(HTML) 1 Page - NXP Semiconductors

  BCP54 Datasheet HTML 1Page - NXP Semiconductors BCP54 Datasheet HTML 2Page - NXP Semiconductors BCP54 Datasheet HTML 3Page - NXP Semiconductors BCP54 Datasheet HTML 4Page - NXP Semiconductors BCP54 Datasheet HTML 5Page - NXP Semiconductors BCP54 Datasheet HTML 6Page - NXP Semiconductors BCP54 Datasheet HTML 7Page - NXP Semiconductors BCP54 Datasheet HTML 8Page - NXP Semiconductors BCP54 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
NPN medium power transistor series.
[1]
Valid for all available selection groups.
[2]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
I High current
I Two current gain selections
I High power dissipation capability
1.3 Applications
I Linear voltage regulators
I Low side switches
I MOSFET drivers
I Amplifiers
1.4 Quick reference data
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
Rev. 07 — 4 June 2007
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
NXP
JEITA
JEDEC
BC635[2]
SOT54
SC-43A
TO-92
BC636
BCP54
SOT223
SC-73
-
BCP51
BCX54
SOT89
SC-62
TO-243
BCX51
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
1.5
A
hFE
DC current gain
VCE =2V; IC = 150 mA
63
-
250
hFE selection -10
VCE =2V; IC = 150 mA
63
-
160
hFE selection -16
VCE =2V; IC = 150 mA
100
-
250


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP54 FAIRCHILD-BCP54 Datasheet
39Kb / 4P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
EPCOS
B82479A1104M EPCOS-B82479A1104M Datasheet
299Kb / 22P
45 V, 1 A NPN medium power transistors
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BC54PA_SER NEXPERIA-BC54PA_SER Datasheet
252Kb / 13P
45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com