Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BCP54 Datasheet HTML 7Page - NXP Semiconductors BCP54 Datasheet HTML 8Page - NXP Semiconductors BCP54 Datasheet HTML 9Page - NXP Semiconductors BCP54 Datasheet HTML 10Page - NXP Semiconductors BCP54 Datasheet HTML 11Page - NXP Semiconductors BCP54 Datasheet HTML 12Page - NXP Semiconductors BCP54 Datasheet HTML 13Page - NXP Semiconductors BCP54 Datasheet HTML 14Page - NXP Semiconductors BCP54 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
13 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BC635_BCP54_BCX54_7
20070604
Product data sheet
-
BC635_BCP54_BCX54_6
Modifications:
• Table 1 “Product overview”: amended
• Section 1.2 “Features”: amended
• Section 1.3 “Applications”: amended
• Table 2 “Quick reference data”: IC parameter redefined to collector current
• Table 2 “Quick reference data”: ICM condition added
• Figure 2 and 3: amended
• Table 6 “Limiting values”: IC parameter redefined to collector current
• Table 6 “Limiting values”: ICM condition added
• Table 6 “Limiting values”: Ptot values for BCP54 and BCX54 adapted
• Table 7 “Thermal characteristics”: Rth(j-a) values for BCP54 and BCX54 rounded
• Figure 4: Zth redefined to Zth(j-a) transient thermal impedance from junction to ambient
• Figure 4: tp parameter redefined to pulse duration
• Figure 5: added
• Figure 6: Zth redefined to Zth(j-a) transient thermal impedance from junction to ambient
• Figure 6: tp parameter redefined to pulse duration
• Figure 7: added
• Figure 8: Zth redefined to Zth(j-a) transient thermal impedance from junction to ambient
• Figure 8: tp parameter redefined to pulse duration
• Figure 9: added
• Figure 11: amended
• Table 9 “Packing methods”: new packing method for BCX54 added
• Section 11 “Legal information”: updated
BC635_BCP54_BCX54_6
20050225
Product data sheet
CPCN200405029
BC635_637_639_4
BCP54_55_56_5
BCX54_55_56_4
BC635_637_639_4
20011010
Product specification
-
BC635_637_639_3
BCP54_55_56_5
20030206
Product specification
-
BCP54_55_56_4
BCX54_55_56_4
20011010
Product specification
-
BCX54_55_56_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com