Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0063 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0063
Description  1.5:1 Auto Transformer 5-1000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0063 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0063 Datasheet HTML 1Page - Tyco Electronics MABACT0063 Datasheet HTML 2Page - Tyco Electronics MABACT0063 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.5:1 Auto Transformer
5-1000MHz
MABACT0063
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test
Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
-
5 - 1000 MHz
dB
-
0.5
1.0
Input Return Loss
-
5 - 500 MHz
dB
24
30
-
Input Return Loss
-
500 - 1000 MHz
dB
16
26
-
Recommended PCB Configuration
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
Max Input Power
250mW
DC current
100mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
(3.30)
(1.397)
0.055
(4.83)
0.190
0.130
(0.762)
0.030
(1.65)
0.065



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com