Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0063 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0063
Description  1.5:1 Auto Transformer 5-1000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0063 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0063 Datasheet HTML 1Page - Tyco Electronics MABACT0063 Datasheet HTML 2Page - Tyco Electronics MABACT0063 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.5:1 Auto Transformer
5-1000MHz
MABACT0063
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
1
RoHS
Compliant
Features
• Surface Mount
• 1.5:1 Impedance
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0063 is a 1.5:1 Auto Trans-
former in a low cost, surface mount package. Ideally
suited
for
high
volume
CATV/Broadband
applications.
Ordering Information
Part Number
Package
MABACT0063TR
2000 piece reel
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Not Connected
2
Not Connected
3
Primary Dot (e.g. 75 Ohms)
4
Secondary Dot (e.g. 50 Ohms)
5
Primary and Secondary (Ground)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-22
0.150
(3.81)
0.150 MAX
(3.81 MAX)
0.065
(1.65)
0.030
(0.762)
0.130
(3.30)
0.190
(4.83)
0.055
(1.397)
0.150
(3.81)
0.100
(2.54)
0.050
(1.27)
(0.762)
0.030
(0.762)
0.030
0.030
(0.762)


Similar Part No. - MABACT0063

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0063 MA-COM-MABACT0063 Datasheet
81Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
MABACT0063 MA-COM-MABACT0063 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
MABACT0063 MA-COM-MABACT0063 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
MABACT0063TR MA-COM-MABACT0063TR Datasheet
81Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
MABACT0063 MA-COM-MABACT0063_15 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
More results

Similar Description - MABACT0063

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC15-4 MACOM-ETC15-4 Datasheet
59Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
MABACT0066 MACOM-MABACT0066 Datasheet
75Kb / 3P
4:1 Transmission Line Transformer 5-1000MHz
ETC1.5-4 MACOM-ETC1.5-4 Datasheet
62Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
MABACT0040 MACOM-MABACT0040 Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0061 MA-COM-MABACT0061 Datasheet
84Kb / 3P
4:1 Auto Transformer 5-1200MHz
MABACT0063 MA-COM-MABACT0063 Datasheet
81Kb / 3P
1.5:1 Auto Transformer 5-1000MHz
MABACT0040 MA-COM-MABACT0040 Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
MABACT0063_V2 MA-COM-MABACT0063_V2 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
MABACT0063 MA-COM-MABACT0063 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
MABACT0063 MA-COM-MABACT0063_15 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com