Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0061 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABACT0061 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABACT0061
Download  MABACT0061 Download
File Size   84.71 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 4:1 Auto Transformer 5-1200MHz

MABACT0061 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0061 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABACT0061
Download  MABACT0061 Click to download

File Size   84.71 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 4:1 Auto Transformer 5-1200MHz

MABACT0061 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MABACT0061 Product details

Description
M/A-COM’s MABACT0061 is a 4:1 Auto transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• Surface Mount
• 4:1 Impedance, unbalanced to unbalanced
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000




Similar Part No. - MABACT0061

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0061 MACOM-MABACT0061 Datasheet
79Kb / 3P
4:1 Auto Transformer 5-1200MHz
MABACT0061TR MACOM-MABACT0061TR Datasheet
79Kb / 3P
4:1 Auto Transformer 5-1200MHz
More results


Similar Description - MABACT0061

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007748-CT1160 MACOM-MABA-007748-CT1160 Datasheet
89Kb / 3P
1:1 RF Transformer 5-1200MHz
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0061 MACOM-MABACT0061 Datasheet
79Kb / 3P
4:1 Auto Transformer 5-1200MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010 Datasheet
108Kb / 3P
2:1 Transmission Line Balun Transformer 5 - 1200MHz
MABA-007748-CT1160 MA-COM-MABA-007748-CT1160 Datasheet
93Kb / 3P
1:1 RF Transformer 5-1200MHz
DS-MABACT0061 MA-COM-DS-MABACT0061 Datasheet
285Kb / 3P
4:1 Auto Transformer
MABA-011031 MA-COM-MABA-011031 Datasheet
658Kb / 5P
Transformer, 1:1 Transmission Line 5MHz - 1200MHz
logo
Qorvo, Inc
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com