Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0061 Datasheet (PDF) - Tyco Electronics

MABACT0061 Datasheet PDF - Tyco Electronics
Part # MABACT0061
Download  MABACT0061 Download
File Size   79.87 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Auto Transformer 5-1200MHz

MABACT0061 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0061 Datasheet PDF - Tyco Electronics

Part # MABACT0061
Download  MABACT0061 Click to download

File Size   79.87 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Auto Transformer 5-1200MHz

MABACT0061 Datasheet (HTML) - Tyco Electronics


MABACT0061 Product details

Description
M/A-COM’s MABACT0061 is a 4:1 Auto transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• Surface Mount
• 4:1 Impedance, unbalanced to unbalanced
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000




Similar Part No. - MABACT0061

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0061 MA-COM-MABACT0061 Datasheet
84Kb / 3P
4:1 Auto Transformer 5-1200MHz
MABACT0061TR MA-COM-MABACT0061TR Datasheet
84Kb / 3P
4:1 Auto Transformer 5-1200MHz
More results


Similar Description - MABACT0061

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007748-CT1160 MACOM-MABA-007748-CT1160 Datasheet
89Kb / 3P
1:1 RF Transformer 5-1200MHz
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0061 MA-COM-MABACT0061 Datasheet
84Kb / 3P
4:1 Auto Transformer 5-1200MHz
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010 Datasheet
108Kb / 3P
2:1 Transmission Line Balun Transformer 5 - 1200MHz
MABA-007748-CT1160 MA-COM-MABA-007748-CT1160 Datasheet
93Kb / 3P
1:1 RF Transformer 5-1200MHz
DS-MABACT0061 MA-COM-DS-MABACT0061 Datasheet
285Kb / 3P
4:1 Auto Transformer
MABA-011031 MA-COM-MABA-011031 Datasheet
658Kb / 5P
Transformer, 1:1 Transmission Line 5MHz - 1200MHz
logo
Qorvo, Inc
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com