Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8232 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8232
Description  Video Triax, RG59, #20 Solid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8232 Datasheet(HTML) 1 Page - Belden Inc.

  8232 Datasheet HTML 1Page - Belden Inc. 8232 Datasheet HTML 2Page - Belden Inc. 8232 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 8232
Video Triax, RG59, #20 Solid
Product Description
20 AWG solid .032" bare copper conductor, gas-injected foam HDPE insulation, bare copper braid shields (95% and 80% coverage), polyethylene jacket.
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Coax
20
Solid
BC - Bare Copper 0.032 in
1
Conductor Count:
1
Insulation
Material
Nominal Diameter
PE - Polyethylene (Foam) 0.145 in
Table Notes:
Gas Injected
Inner Shield
Type
Material
Coverage [%]
Braid Bare Copper (BC) 95%
Inner Jacket
Material
Nominal Diameter
PE - Polyethylene 0.225 in
Outer Shield
Type
Material
Coverage [%]
Braid Bare Copper (BC) 80%
Outer Jacket
Material
Nominal Diameter
PE - Polyethylene 0.315 in
Electrical Characteristics
Conductor DCR
Nominal Conductor
DCR
Nominal Conductor DCR Conductor Resistance Nominal Inner Shield DCR Nominal Outer Shield DCR
10 Ohm/1000ft
10 Ohm/1000ft
2.5 Ohm/1000ft
2.8 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Shield
16.2 pF/ft
Inductance
Nominal Inductance
0.097 µH/ft


Similar Part No. - 8232

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8232 FILTRAN-8232 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8232 APITECH-8232 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
Christian Bürkert GmbH ...
8232 BURKERT-8232 Datasheet
1,021Kb / 17P
Chlorine sensor
13.12.2022
logo
Sealevel Systems, Inc.
8232 SEALEVEL-8232 Datasheet
666Kb / 2P
USB to 8 Inputs / 8 Form C High-Current Relay Outputs Digital Interface Adapter
logo
RAF ELECTRONIC HARDWARE
8232-1032-A RAF-8232-1032-A Datasheet
114Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 8232

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1945-4-9 WINCHESTER-SD1945-4-9 Datasheet
87Kb / 1P
TNC TRIAX PLUG
SD1965-15-9 WINCHESTER-SD1965-15-9 Datasheet
57Kb / 1P
BNC TRIAX PLUG
logo
Pasternack Enterprises,...
PE-B159-BK PASTERNACK-PE-B159-BK Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-BL PASTERNACK-PE-B159-BL Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-GR PASTERNACK-PE-B159-GR Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-RD PASTERNACK-PE-B159-RD Datasheet
104Kb / 1P
MIN-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-WH PASTERNACK-PE-B159-WH Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-YW PASTERNACK-PE-B159-YW Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com