Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8232 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8232
Description  Video Triax, RG59, #20 Solid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8232 Datasheet(HTML) 2 Page - Belden Inc.

  8232 Datasheet HTML 1Page - Belden Inc. 8232 Datasheet HTML 2Page - Belden Inc. 8232 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Impedance
Nominal Characteristic Impedance
75 Ohm
Return Loss (RL)
Frequency [MHz] Min. Structural Return Loss (SRL)
5-850 MHz
21 dB
850-3000 MHz
15 dB
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.3 dB/100ft
3.6 MHz
0.6 dB/100ft
10 MHz
0.9 dB/100ft
71.5 MHz
2.1 dB/100ft
135 MHz
3 dB/100ft
270 MHz
4.2 dB/100ft
360 MHz
4.8 dB/100ft
540 MHz
5.9 dB/100ft
720 MHz
7 dB/100ft
750 MHz
7.1 dB/100ft
1000 MHz
8.3 dB/100ft
1500 MHz
10.5 dB/100ft
2250 MHz
13.4 dB/100ft
3000 MHz
15.9 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.22 ns/ft
83%
Voltage
Non-UL Voltage Rating
300 V RMS
Temperature Range
Non-UL Temp Rating:
80°C
Operating Temperature Range:
-55°C To +80°C
Mechanical Characteristics
Bulk Cable Weight:
55 lbs/1000ft
Max. Pull Tension:
125 lbs
Min. Bend Radius/Minor Axis:
3.25 in
Standards
RG Type:
59
Applicable Environmental and Other Programs
Environmental Space:
Indoor/Outdoor
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
No
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Aerial:
Yes - When supported by messenger wire
Suitability - Burial:
Yes
Suitability - Indoor:
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com