Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWA2425 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # CWA2425
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CWA2425 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  CWA2425 Datasheet HTML 1Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 2Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 3Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 4Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 5Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 6Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.sensata.com
Page 3
Copyright © 2020 Sensata Technologies, Inc.
WIRING DIAGRAM
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lb)[N]
Input
24 AWG (0.2 mm2) / 0.2 [minimum]
10 [44.5]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
90 [400]
Output
20 AWG (0.5 mm2) / 0.518 [minimum]
30 [133]
2 x 10 AWG (5.3 mm2) / 5.3
110 [490]
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
90 [400]
EQUIVALENTCIRCUITBLOCKDIAGRAMS
CWD Series DC Control
CWA/CWU Series AC Control
MECHANICAL SPECIFICATIONS (1)
*Tolerances: ±0.02 in / 0.5 mm All dimensions are in: inches [millimeters]
Screw Termination, IP20
(9)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com