Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWA2425 Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # CWA2425
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CWA2425 Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  CWA2425 Datasheet HTML 1Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 2Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 3Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 4Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 5Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 6Page - Sensata Technologies, Inc. CWA2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.sensata.com
Page 5
Copyright © 2020 Sensata Technologies, Inc.
ORDERING OPTIONS
Example : CWA2410EPH-10
Not all part number combinations are available.
Contact Technical Support for information on the availability of a specific part number.
GENERAL NOTES
(1)
All parameters at 25°C unless otherwise specified.
(2)
“P” option output will self trigger between 450-600 Vpk. Power factor 0.7 or higher, not suitable for capacitive loads.
(3)
Heat sinking required, see derating curves
(4)
For ambient temperature above 40°C the maximum control voltage must not exceed 250 VAC.
(5)
Increase minimum voltage by 1V for operations from -20 to -40°C.
(6)
Turn-on time for Instantaneous turn-on versions is 0.1 msec and 7msec for CWU models.
(7)
AC input models operating range is -20 to 80 °C.
(8)
All parameters at 50% power rating and 100% duty cycle (contact tech support for detailed report).
(9)
Load can be wired to either SSR output terminal 1 or 2.
(10)
Select P option for overvoltage protection.
(11)
For single surge pulse Tc=25°C; Tj=125°C. For AC Output SSRs, AC Rms value of surge current equals the peak value divided by √2 (1.414).
For additional information or specific questions, contact Technical Support
CW
-
A
-
24
-
10
-
E
-
P
-
H
-
-10
Series
CW
Control Voltage
D: 3-32 VDC
U: 20-48 VDC or 20-280 VAC
A: 90-280 VAC
AxxxxE: 18-36 VAC
Operating Voltage
24: 24-280 VAC
Rated Load Current
10: 10 Amps
25: 25 Amps
50: 50 Amps
90: 90 Amps
125: 125 Amps
Control Voltage
AxxxxE: 18-36 VAC
Overvoltage Protection
Blank: Not Included
P: Included (2)
Thermal Pad
Blank: Not Included
H: Included
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On
Required for valid part number
For options only and not required for valid part number



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com