Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D06 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # DR10D06
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DR10D06 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  DR10D06 Datasheet HTML 1Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 2Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 3Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 4Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 5Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
SERIESONE DR SERIES | DC OUTPUT
DIN RAIL MOUNT SOLID STATE RELAYS
Features
Applications
• Ratings from 3 up to 24 Amps
• Load voltage ratings of 1-60 VDC and 1-100 VDC
• Fits standard 35mm DIN Rail
• LED input status indicator
• DC control
• UL and cUL Listed, CE & RoHS Compliant
• UL 508 Endurance Rating for Enhanced Reliability
• UL Class I and II, Division 2, for Hazardous Locations
• Battery Management Systems
• Backup Power Supplies
• Valve Control
• Lighting control
• Automation Equipment
Sensata | Crydom SeriesOne DR family of DIN Rail mount Solid State Relays incorporate proprietary thermal management technology to achieve exceptional
output ratings of 3 up to 24 Amps at 1 to 100 VDC in compact 11mm and 18mm wide housings.
These compact SSRs are ideal for use in demanding applications where space may be limited, providing greater power density than other DIN Rail Solid State
Relays.
Control Voltage
60V, 3 A
60V, 6 A
60V, 12 A
100V, 3 A
100V, 6 A
100V, 10A
100V, 12A
100V, 24 A
4-32 VDC
DR06D03
DR06D06
DR06D12
DR10D03
DR10D06
DR10D10
DR10D12
DR10D24
PRODUCT SELECTION
3, 6 & 10 Amps
12 & 24 Amps


Similar Part No. - DR10D06

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR10D06 CRYDOM-DR10D06 Datasheet
1Mb / 7P
Ratings of 6 & 12 Amps
DR10D06 CRYDOM-DR10D06 Datasheet
770Kb / 7P
DIN rail mount
DR10D06 CRYDOM-DR10D06 Datasheet
926Kb / 7P
DIN Rail Mount
DR10D06X CRYDOM-DR10D06X Datasheet
929Kb / 7P
Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
DR10D06X CRYDOM-DR10D06X Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
More results

Similar Description - DR10D06

ManufacturerPart #DatasheetDescription
logo
celduc-relais
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
Solid State Relay for DIN rail fixation
XKH20120 CELDUC-XKH20120 Datasheet
186Kb / 2P
Solid State Relay for DIN rail fixation
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
Solid State Relay for DIN rail fixation
XKR24440 CELDUC-XKR24440 Datasheet
100Kb / 2P
Solid State Relay for DIN rail fixation
XKRD30506 CELDUC-XKRD30506 Datasheet
368Kb / 2P
Solid State Relay for DIN rail fixation
logo
Crydom Inc.,
SDR24D12 CRYDOM-SDR24D12 Datasheet
1Mb / 6P
DIN RAIL MOUNTED AC & DC OUTPUT SOLID STATE RELAYS
logo
celduc-relais
XKD CELDUC-XKD Datasheet
620Kb / 3P
Solid State Relay for DIN rail fixation
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com