Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D06 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DR10D06
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DR10D06 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DR10D06 Datasheet HTML 1Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 2Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 3Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 4Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 5Page - Sensata Technologies, Inc. DR10D06 Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
Input (1)
Description
Parameters
Control Voltage Range (3)
4-32 VDC
Minimum Turn-On Voltage
4.0 VDC
Must Turn-Off Voltage
1.0 VDC
Minimum Input Current for [mA] (4)
9
Maximum Input Current for [mA] (4)
11
Maximum Turn-on Time [msec] (5)
0.6
Maximum Turn-off Time [msec]
0.3
Min/Max stranded/solid wire
22/16 AWG
SPECIFICATIONS
Output (1)
Description
DR06D03 DR10D03 DR06D06 DR10D06 DR10D10
DR06D12 DR10D12 DR10D24
Operating Voltage [VDC]
1-60
1-100
1-60
1-60
1-100
1-60
1-60
1-100
Maximum Load Current [Adc] (2)
3
3
6
6
10
12
12
24
Minimum Load Current [mAdc]
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Maximum Off-State Leakage Current
@ Rated Voltage [mA]
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Maximum On-State Voltage Drop @
Rated Current [Vpk]
0.6
0.6
0.6
0.6
0.2
0.6
0.6
0.2
Maximum Surge Current (10ms) [Apk]
60
60
60
60
80
100
100
160
On-State resistance at rated current
[Ohms]
0.6
0.6
0.1
0.1
0.013
0.45
0.45
0.026
Min/Max stranded wire
22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG
Min/Max solid wire
22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG 22/14 AWG
Weight (Typical)
1.76 oz
(50 g)
1.76 oz
(50 g)
1.94 oz
(55 g)
1.76 oz
(50 g)
1.76 oz
(50 g)
3.17 oz
(90 g)
3.17 oz
(90 g)
3.17 oz
(90 g)
General (2)
Description
Parameters
Dielectric Strength, Input/Output/Base
(50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 V
DC)
109 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-30 to 100 °C
Recommended Terminal Screw Torque
Range
4.4-7.0 lb-in (0.5-0.8 Nm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com