Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM73_06 Datasheet HTML 1Page - National Semiconductor (TI) LM73_06 Datasheet HTML 2Page - National Semiconductor (TI) LM73_06 Datasheet HTML 3Page - National Semiconductor (TI) LM73_06 Datasheet HTML 4Page - National Semiconductor (TI) LM73_06 Datasheet HTML 5Page - National Semiconductor (TI) LM73_06 Datasheet HTML 6Page - National Semiconductor (TI) LM73_06 Datasheet HTML 7Page - National Semiconductor (TI) LM73_06 Datasheet HTML 8Page - National Semiconductor (TI) LM73_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Ordering Information
Part Number
Package
Marking
NS Package
Number
Transport
Media
SMBus Device Address
Address Pin
Device Address
LM73CIMK-0
T730
MK06A
(Thin SOT23-6)
1000 Units on
Tape and Reel
Float
Ground
V
DD
1001 000
1001 001
1001 010
LM73CIMKX-0
T730
MK06A
(Thin SOT23-6)
3000 Units on
Tape and Reel
Float
Ground
V
DD
1001 000
1001 001
1001 010
LM73CIMK-1
T731
MK06A
(Thin SOT23-6)
1000 Units on
Tape and Reel
Float
Ground
V
DD
1001 100
1001 101
1001 110
LM73CIMKX-1
T731
MK06A
(Thin SOT23-6)
3000 Units on
Tape and Reel
Float
Ground
V
DD
1001 100
1001 101
1001 110
Note 1: Available in RoHS-compliant packages. More details at www.national.com.
Pin Descriptions
Label
Pin #
Type
Equivalent Circuit
Function
ADDR
1
Logic Input, three
levels
Address Select Input: One of three
device addresses is selected by
connecting to ground, left floating, or
connecting to V
DD.
GND
2
Ground
Ground
V
DD
3
Power
Supply Voltage
SMBCLK
4
CMOS Logic
Input
Serial Clock: SMBus clock signal.
Operates up to 400 kHz. Low-pass
filtered.
ALERT
5
Open-Drain
Output
Digital output which goes active
whenever the measured temperature
exceeds a programmable
temperature limit.
SMBDAT
6
Open-Drain
Input/Output
Serial Data: SMBus bi-directional
data signal used to transfer serial
data synchronous to the SMBCLK.
Low-pass filtered.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com