Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM73_06 Datasheet HTML 1Page - National Semiconductor (TI) LM73_06 Datasheet HTML 2Page - National Semiconductor (TI) LM73_06 Datasheet HTML 3Page - National Semiconductor (TI) LM73_06 Datasheet HTML 4Page - National Semiconductor (TI) LM73_06 Datasheet HTML 5Page - National Semiconductor (TI) LM73_06 Datasheet HTML 6Page - National Semiconductor (TI) LM73_06 Datasheet HTML 7Page - National Semiconductor (TI) LM73_06 Datasheet HTML 8Page - National Semiconductor (TI) LM73_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
DD = 2.7V to 5.5V. Boldface limits apply for TA =TJ =TMIN to TMAX;
all other limits T
A =TJ = +25˚C, unless otherwise noted. TA is the ambient temperature. TJ is the junction temperature.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
SMBDAT, SMBCLK INPUTS
V
IH
Logical “1” Input Voltage
0.7*V
DD
V (min)
V
IL
Logical “0” Input Voltage
0.3*V
DD
V (max)
V
IN;HYST
SMBDAT and SMBCLK Digital Input
Hysteresis
0.07*V
DD
V
I
IH
Logical “1” Input Current
V
IN =VDD
0.01
2
µA (max)
I
IL
Logical “0” Input Current
V
IN = 0 V
–0.01
–2
µA (max)
C
IN
Input Capacitance
5
pF
SMBDAT, ALERT OUTPUTS
I
OH
High Level Output Current
V
OH =VDD
0.01
2
µA (max)
V
OL
SMBus Low Level Output Voltage
I
OL =3mA
0.4
V (max)
ADDRESS INPUT
V
IH;ADDRESS
Address Pin High Input Voltage
V
DD minus 0.100
V (min)
V
IL;ADDRESS
Address Pin Low Input Voltage
0.100
V (max)
I
IH; ADDRESS
Address Pin High Input Current
V
IN =VDD
0.01
2
µA (max)
I
IL;ADDRESS
Address Pin Low Input Current
V
IN = 0 V
–0.01
–2
µA (max)
SMBus DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
DD = +2.7 V to +5.5 V, CL (load capacitance) on output lines = 400 pF.
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
f
SMB
SMBus Clock Frequency
400
100
kHz (max)
Hz (min)
t
LOW
SMBus Clock Low Time
300
ns (min)
t
HIGH
SMBus Clock High Time
300
ns (min)
t
F;SMBO
Output Fall Time (Note 10)
C
L = 400 pF
I
PULL-UP
≤ 3mA
250
ns (max)
t
TIMEOUT
SMBDAT and SMBCLK Time Low for Reset of
Serial Interface (Note 11)
15
45
ms (min)
ms (max)
t
SU;DAT
Data In Setup Time to SMBCLK High
100
ns (min)
t
HD;DATI
Data Hold Time: Data In Stable after SMBCLK
Low
0
ns (min)
t
HD;DATO
Data Hold Time: Data Out Stable after
SMBCLK Low
30
ns (min)
t
HD;STA
Start Condition SMBDAT Low to SMBCLK
Low (Start condition hold before the first clock
falling edge)
60
ns (min)
t
SU;STO
Stop Condition SMBCLK High to SMBDAT
Low (Stop Condition Setup)
50
ns (min)
t
SU;STA
SMBus Repeated Start-Condition Setup Time,
SMBCLK High to SMBDAT Low
50
ns (min)
t
BUF
SMBus Free Time Between Stop and Start
Conditions
1.2
µs (min)
t
POR
Power-On Reset Time (Note 12)
1
ms (max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com