Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1771SSDX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771SSDX
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771SSDX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM1771SSDX Datasheet HTML 9Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 10Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 11Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 12Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 13Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 14Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 15Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 16Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Layout
The LM1771, like all switching regulators, requires careful
attention to layout to ensure optimal performance. The fol-
lowing steps should be taken to aid in the layout. For more
information refer to Application Note AN-1299.
1.
Ensure that the ground connections of the input capaci-
tor, output capacitor and NMOS are as close as pos-
sible. Ideally these should all be grounded together in
close proximity on the component side of the board.
2.
Keep the switch node small to minimize EMI without
degrading thermal cooling of the FETs.
3.
Locate the feedback resistors close to the IC and keep
the feedback trace as short as possible. Do not run any
feedback traces near the switch node.
4.
Keep the gate traces short and keep them away from the
switch node as much as possible.
5.
If a small bypass capacitor is used on V
IN (0.1µF) place
it as close to the pin, with the ground connection as
close to the chip ground as possible.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com