Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1771SSDX Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771SSDX
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771SSDX Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM1771SSDX Datasheet HTML 9Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 10Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 11Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 12Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 13Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 14Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 15Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 16Page - National Semiconductor (TI) LM1771SSDX Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Typical Application Circuit
20189043
Example Circuit Schematic
Bill of Materials (5V to 1.8V Conversion, f
SW = 1090kHz, IOUT = 2A)
Designator
Description
Part Number
Quantity
Vendor
U
1
LM1771, 500ns
LM1771S
1
National Semiconductor
Q
1
PMOS
Si3867DV
1
Siliconix
Q
2
NMOS
Si3460DV
1
Siliconix
C
IN
22µF Capacitor, 0805
GRM21BR60J226ME39
1
Murata
C
OUT
100µF Capacitor, 6.3V, 100m
Ω
TPSY107M006R0100
1
AVX
R
FB1
12.4k
Ω Resistor, 0603
CRCW06031242F
1
Vishay
R
FB2
10k
Ω Resistor, 0603
CRCW06031002F
1
Vishay
C
FF
1nF Capacitor, 0603
VJ0603102KXXA
1
Vishay
L
3.3µH Inductor
MSS7341-332NLB
1
Coilcraft
Bill of Materials (5V to 3.3V Conversion, f
SW = 500kHz, IOUT = 5A)
Designator
Description
Part Number
Quantity
Vendor
U
1
LM1771, 200ns
LM1771U
1
National Semiconductor
Q
1
PMOS
Si9433BDY
1
Siliconix
Q
2
NMOS
Si4894DY
1
Siliconix
C
IN
100µF Capacitor, 1812
GRM43SR60J107ME20B
1
Murata
C
OUT
150µF Capacitor, 6.3V, 70m
Ω
NOSD157M006R0070
1
AVX
R
FB1
29.4k
Ω Resistor, 0805
CRCW08052942F
1
Vishay
R
FB2
10k
Ω Resistor, 0805
CRCW08051002F
1
Vishay
C
FF
1nF Capacitor, 0805
VJ0805102KXXA
1
Vishay
L
2.2µH Inductor
DO3316P-222
1
Coilcraft
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com