Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA111 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 17Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 18Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 19Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 20Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 21Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 22Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 23Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 24Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Special Features (Continued)
•
Number/Type of GPIO bits: The STA111 has both dedi-
cated and shared GPIO (General Purpose I/O). Each
dedicated group of GPIO bits supports from 0 to 4 dedi-
cated inputs and 0 to 4 dedicated outputs. There are
provisions for specifying the default (power-up) value.
TMS
(0-n), TDO(0-n) and TDI(0-n) are also dual purpose
pins functioning as LSP or GPIO. TMS
n and TDOn are
outputs, TDI
n is an input in the GPIO mode.
Throught this datasheet, notations exist to clarify the differ-
ences between features available on the Silicon version and
the HDL version.
KNOWN POWER-UP STATE
The STA111 has a known power-up condition. This is the
same state that the device is in after a TRST reset. This
happens at power-up without the presence of a TCK
B.
Reset can also occur via a 5 TMS high reset or a SOFTRE-
SET command.
POWER-OFF HIGH IMPEDANCE INPUTS AND
OUTPUTS
The STA111 backplane test port features power-off high
impedance inputs and outputs.
The TDI
B, TMSB, and TRSTB inputs have a 25K
Ω pull-up
resistor and no ESD clamp diode (ESD is controlled with an
alternate method). When the device is power-off (V
DD float-
ing), these inputs appear to be a capacitive load to ground.
When V
DD = 0V (i.e.; not floating but tied to VSS) these inputs
appear to be capacitive with the pull-up to ground.
The TCK
B input has no pull-up resistor and no ESD clamp
diode (ESD is controlled with an alternate method). When
the device is power-off (V
DD floating), the input appears to be
a capacitive load to ground. When V
DD = 0V (i.e.; not floating
but tied to V
SS) the input appears to be a capacitive load to
ground.
When the device is power-off (V
DD = 0V or floating), the
TDO
B output appears to be a capacitive load.
Refer to the device IBIS model on our website for more
details
about
the
I/O
characteristics
at
http://
www.national.com/appinfo/scan/ibis.html.
TRST
TRST
B: Assertion of TRSTB will return the device back to its
known power-up state.
TRST
n: TRSTn is an output on the LSP side of the STA111.
While the LSP state-machine (level 2 protocol) is in the
Parked-TLR state the TRST
n pin will be driven low. In all
other states the TRST
n pin will be driven high.
PHYSICAL LAYER CHANGES
TRIST for TDO
B and TDOn are signals for enabling an
external buffer circuit between the ’STA111 and the
backplane/LSP. This would allow, for example, a CMOS-to-
LVDS converter to drive an LVDS JTAG backplane test bus.
These signals are always driving. A seperate TRIST is pro-
vided for each LSP to report a TRI-STATE on TDO when the
LSP is not in a shift state.
SVF DRIVEN, SELF-CHECKING TEST BENCH
The STA111 consists of 3 types of pins, dot1 backplane pins,
dot1 LSP pins and support pins. The command interpreter of
the test bench is able to translate a limited set of SVF
commands to the dot1 backplane pins. The SVF shift com-
mands contain both the stimulus (TDI
B) and expected re-
sponse (TDO
B).
The interpreter is able to parse the following commands:
ENDDR, ENDIR, RUNTEST, SDR, SIR, STATE, TRST.
PASS-THROUGH PINS
Each LSP may selectively have two pass-through pins. The
pair of pass-through pins consist of an input (A
n) and an
output (Y
n). The LSP pass-through output (Yn) drives the
level being received by the backplane pass-through input
(A
B). Conversly, the level on the LSP pass-through input (An)
drives the backplane pass-through output (Y
B).
The Pass-through pins are available only when a single LSP
is selected. For each LSP these pins will be enabled when
the level 2 protocol state-machine is not in the Parked-TLR
state. When not enabled they are TRI-STATED.
LSP GATING
While the LSP state-machine (level 2 protocol) is in the
Parked-TLR state, the four LSP signals shall be controlled
as shown in Table 14 below. Upon entry into the Parked-TLR
state (power-up, reset, PARKTLR or GOTOWAIT) a counter
in the LSP state-machine allows 512 TCK
B clock pulses to
occur on TCK
n before gating. Once gated, TCKn will drive a
logic 0.
Letting 512 TCK
B pulses pass through to TCKn allows a five
high TMS reset to occur on over 100 levels of hierarchy
before the STA111 gates TCK
n (for power saving in a free-
running clock system).
TABLE 14. Gated LSP Drive States
LSP
Connection
Drive State
TDO
n
Pull-up resistor to provide a weak HIGH
TMS
n
Pull-up resistor to provide a weak HIGH
TDI
n
Pull-up resistor to provide a weak HIGH
TCK
n
TCK
B for 512 pulses, then gated LOW
The STA111 does not require that any clock pulses are
received on TCK
B while in the Parked-TLR state.
Setting Bit 3 of Mode Register
0 to 1 gates TCKn when in the
Parked-RTI,
Parked-Pause-DR
and
Parked-Pause-IR
states. Default is free-running (bit 3 = 0). The value stored in
bit 3 of Mode Register
0 does not effect the requirement of
512 clock pulses before gating TCK
n in the Parked-TLR
state. (See section on Mode Register
0).
IEEE 1149.4 SUPPORT
The STA111 provides support for a switched analog bus.
Each
LSP
has
an
unparked-TLR
notification
pin
(LSP_ACTIVE
(0-2)) which is low (0) when the LSP is in
Parked-TLR and high (1) otherwise. This signal can be used
to enable/disable analog switches external to the STA111.
GPIO CONNECTIONS
General Purpose I/O (GPIO) pins are registered inputs and
outputs that are parameterized in the HDL. The two types of
GPIOs than can be used in the STA111 are described in the
next two sections.
DEDICATED: Each LSP supports up to four (4) dedicated
inputs and up to four (4) dedicated outputs. These are sep-
erate, dedicated GPIO signals controlled by dedicated GPIO
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com