Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA111 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 23Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 24Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 25Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 26Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 27Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 28Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 29Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 30Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AC Loading and Waveforms (Continued)
Symbol
V
CC
2.7 - 3.6V
V
IN(H)
2.7V
V
mi
1.5V
V
mo
1.5V
V
x
V
OL + 0.3V
V
y
V
OH - 0.3V
Capacitance & I/O Characteristics
Refer to National’s website for IBIS models at http://www.national.com/scan
10124521
Waveform for Inverting and Non-inverting Functions
10124522
Tristate Output High Enable and Disable Times for Logic
10124523
Propagation Delay, Pulse Width and t
REC Waveforms
10124524
Tristate Output Low Enable and Disable Times for Logic
FIGURE 18. Timing Waveforms
(Input Characteristics; f = 1MHz, t
r =tf = 2.5ns)
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com