Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Type 3360
15 | 26
Visit product website 
5.
Performance specifications
5.1. Fluidic data
Flow characteristics
• Flow characteristic acc. to DIN EN 60534 - 2 - 4
• Modified equal percentage flow characteristic theoretical rangeability: K
VS/KV0 = 50:1
• K
VR value
1.)
at 5 % of stroke
1.) K
VR value = smallest KV value at which the inclination tolerance according to DIN EN 60534 - 2 - 4 can still be maintained.
K
v /Kvs [%]
0 10 20 30 40 50 60 70 80 90 100
Stroke [%]
100
90
80
60
50
40
30
20
10
0
70
Overview of flow characteristics with flow below seat
Note:
• K
V value [m
3
/h]: Measured with water acc. to DIN EN 60534 - 2 - 4
• Operating limits, see “5.2. Operating limits” on page 16
Nominal
diameter
(Pipe)
Actu-
ator
force1.)
Operating pressure
(seat leakage class)
Characteristic
curve (theoreti-
cal rangeability)
K
V value at stroke
K
VS
value
Valve seat seal
Stainless
steel
PTFE
PEEK
5 % 10 %
30 %
50 %
70 %
90 %
DN
NPS
[N]
[bar(g)]
[m3/h]
[m3/h]
15
½2.)
1300
25 (IV)
–
25 (VI)
Equal
percentage
(50:1)
0.16 0.17
0.4
2.7
4.0
4.8
5
20
¾2.)
25 (IV)
25 (VI)
25 (VI)
0.26 0.27
1.1
5.9
8.3
9.6
10
25
12.)
25 (IV)
25 (VI)
20 (VI)
0.34 0.36
1.5
8.9
13.0
15.4
16
32
1¼2.)
1300
16 (IV)
16 (VI)
10 (VI)
0.40 0.46
2.5
13.9
19.5
23.5
25
2500
25 (IV)
25 (VI)
20 (VI)
40
1½2.)
1300
10 (III)
10 (VI)
6 (VI)
0.48 0.66
5.1
20
28.5
34.5
36
2500
18 (IV)
18 (VI)
14 (VI)
7700
25 (IV)
–
25 (VI)
50
22.)
1300
6 (III)
6 (VI)
–
0.87 1.2
4
26
40.5
48
53
2500
10 (III)
10 (VI)
8 (VI)
7700
25 (IV)
–
25 (VI)
65
2½2.)
10000 25 (IV)
–
25 (VI)
1.7
2
20
48
67
83
90
1.) AG2: Actuator size 2 with a nominal force of 1300 or 2500 N
AG3: Actuator size 3 with a nominal force of 7700 or 10000 N
2.) Deviation for line connections according to ASME BPE: the next larger nominal connection size is used, e.g. NPS 1 instead of NPS ¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com