Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Type 3360
22 | 26
Visit product website 
6.2. Product assembly
The electromotive linear drive consists of a brushless DC motor, a gear and a spindle system that transfers the force to the control
cone. The integrated control electronics are controlled either via standard signals (analogue) or via a field bus (digital). A position-
er and a process controller are available as controller versions. The electromotive linear actuator is designed to provide optimum
efficiency. At the same time, it keeps the valve tight and in position even at the maximum specified medium pressure in a powerless
standstill. An optional energy storage device (SAFEPOS energy-pack) is available for the device. If the supply voltage fails, it supplies
the actuator with the energy required to move the valve into the desired position, which can be set in the menu.
The valve position can be changed manually in 2 ways. Either via the electrical manual control or via a mechanical manual control if
no supply voltage is available. The device can be set and operated either via 2 capacitive keys and 4 DIP switches or optionally on a
display with touch screen. In addition there is always the possibility to operate the device via the büS service interface and using the
“Bürkert Communicator” software.
The intelligent process valve Type 3360 offers the operator options for process monitoring, valve diagnosis and preventive mainte-
nance. Internal measurements of the operating status are evaluated and, if necessary, issued as a warning or error message. These
signal, for example, impermissible ambient and process conditions, functional deviations of components or the status of the energy
storage device
AG2
Blind cover or display with
status indicator and bayonet catch
Actuator housing
Actuator cover
Transparent window with
position indicator
Body connection (with wrench connection)
Port connection
Angle seat valve body
Actuator base
Relief bore
FE functional ground
Numbers for
indicating the
direction of flow
Electrical connections
circular plug-in connector
or cable gland)
Only in versions with
process controller function
Do not unscrew pressure
compensation element!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com