Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8041 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8041
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8041 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8041 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Type 8041
13 | 19
Visit product website 
7.
Product operation
7.1. Measuring principle
The E-shaped magnetic system inside the sensor induces a magnetic field into the fluid, which is perpendicular to the direction of flow. Two
electrodes are in galvanic contact with the liquid.
Based on the Faraday law a voltage can be measured between these electrodes once a liquid (min. conductivity of 20 µS/cm) flows along
the pipe. This voltage is proportional to the flow velocity.
Using the K-factor for the individual pipe diameter the speed of flow is converted into volume per time.
7.2. Functional overview
Display on the electronic board (PCB)
The settings needed for operation are made directly on the printed circuit board by means of 5 switches, a push button, a green LED, a red
LED and a bar graph.
Electronic board of the device
No. Description
1 2 3 4 5 6
1 2 3 4 5 6 7 8 910
C
NO
NC
1
3
5
6
2
4
7
1
Terminal strip:
• Operating voltage
• 4…20 mA output
• Frequency output
2
Relay connection
3
Push-button
4
Green LED:
• Flashing once every second: the device is energized.
• Flashing once up to 5 times: to know which parameter the bargraph
is indicating.
5
Red LED:
• Working mode (ON/OFF)
• Error signalling (flashing once up to 5 times)
6
10 LED bar graph to view and set the device parameters
7
• Switches 1 to 5 to configure the flowmeter (mains frequency,
filtering level of the measurements, measuring range)
• Switch 6: unused
The device can be calibrated by means of the K-factor (conversion coefficient), or via the Teach-In function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com