Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41821 Datasheet(PDF) 13 Page - EPCOS

Part # B41821
Description  Single-ended capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Datasheet(HTML) 13 Page - EPCOS

Back Button B41821 Datasheet HTML 9Page - EPCOS B41821 Datasheet HTML 10Page - EPCOS B41821 Datasheet HTML 11Page - EPCOS B41821 Datasheet HTML 12Page - EPCOS B41821 Datasheet HTML 13Page - EPCOS B41821 Datasheet HTML 14Page - EPCOS B41821 Datasheet HTML 15Page - EPCOS B41821 Datasheet HTML 16Page - EPCOS B41821 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Technical data and ordering codes
B41821
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
Ω
ESRmax
10 kHz
20
°C
Ω
Zmax
100 kHz
20
°C
Ω
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 6.3 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 100 V DC
22
8
× 11.5
7.5
5.8
5.4
140
B41821A9226M***
33
10
× 12.5
5.0
3.9
3.6
190
B41821A9336M***
47
10
× 12.5
3.5
2.7
2.5
230
B41821B9476M***
68
10
× 16
2.4
1.9
1.7
280
B41821A9686M***
100
10
× 20
1.7
1.3
1.2
350
B41821A9107M***
150
12.5
× 25
1.1
0.85
0.79
550
B41821A9157M***
220
12.5
× 25
0.75
0.58
0.54
620
B41821A9227M***
270
16
× 25
0.61
0.47
0.44
770
B41821A9277M***
330
16
× 25
0.50
0.39
0.36
800
B41821A9337M***
470
16
× 31.5
0.35
0.27
0.25
1000
B41821A9477M***
560
16
× 31.5
0.30
0.23
0.21
1050
B41821A9567M***
680
18
× 40
0.24
0.19
0.17
1100
B41821F9687M***
1000
20
× 40
0.17
0.13
0.12
1400
B41821A9108M***
B41821
Standard series
85
°C
Page 13 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com