Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41821 Datasheet(PDF) 16 Page - EPCOS

Part # B41821
Description  Single-ended capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Datasheet(HTML) 16 Page - EPCOS

Back Button B41821 Datasheet HTML 12Page - EPCOS B41821 Datasheet HTML 13Page - EPCOS B41821 Datasheet HTML 14Page - EPCOS B41821 Datasheet HTML 15Page - EPCOS B41821 Datasheet HTML 16Page - EPCOS B41821 Datasheet HTML 17Page - EPCOS B41821 Datasheet HTML 18Page - EPCOS B41821 Datasheet HTML 19Page - EPCOS B41821 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Technical data and ordering codes
B43821
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
Ω
ESRmax
10 kHz
20
°C
Ω
Zmax
100 kHz
20
°C
Ω
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 6.3 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 250 V DC
0.47
6.3
× 11
395
296
158
15
B43821F2474M***
0.68
6.3
× 11
273
205
109
18
B43821F2684M***
1
6.3
× 11
186
139
74
22
B43821F2105M***
1.5
6.3
× 11
124
93
50
30
B43821F2155M***
2.2
6.3
× 11
85
63
34
33
B43821F2225M***
3.3
8
× 11.5
56
42
22
50
B43821F2335M***
4.7
8
× 11.5
40
30
16
55
B43821K2475M***
6.8
10
× 12.5
27
21
11
78
B43821F2685M***
10
10
× 12.5
23
17
9.0
95
B43821K2106M***
10
10
× 16
18
14
7.4
105
B43821F2106M***
22
10
× 20
8.4
6.3
3.4
170
B43821F2226M***
33
12.5
× 20
5.6
4.2
2.2
230
B43821K2336M***
47
12.5
× 25
4.3
3.2
1.7
290
B43821K2476M***
47
16
× 20
4.0
3.0
1.6
300
B43821F2476M***
68
16
× 25
2.7
2.1
1.1
380
B43821F2686M***
100
16
× 31.5
1.8
1.4
0.74
520
B43821K2107M***
150
18
× 40
1.2
0.92
0.49
615
B43821F2157M***
220
18
× 40
0.84
0.63
0.34
680
B43821F2227M***
270
22
× 35
0.67
0.50
0.27
810
B43821F2277M***
330
22
× 40
0.56
0.42
0.22
940
B43821F2337M***
B43821
Standard series
85
°C
Page 16 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com