Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS01 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # MS01
Description  Online Analysis System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

MS01 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  MS01 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Type 8905
3 | 12
Visit product website 
1.
General technical data
Product properties
Material
Please make sure the device materials are compatible with the fluid you are using. Detailed information can be found in chapter
“2.1. Chemical Resistance Chart – Bürkert resistApp” on page 5.
Detailed information on the materials can be found in chapter “2.2. Material specifications” on page 5.
Non wetted parts
Cover
• Of the electronic module housing: PC (glass fibre reinforced, UV stabilized, UL94 V0,
anthracite grey), PC (black, UV stabilized, UL94 V0) and glass
• Of the sensor cube housing: PC (glass fibre reinforced, UV stabilized, UL94 V0, anthra-
cite grey) and PC (transparent)
Housing
PC (black, UV stabilized, UL94 V0)
Quarter-turn stud
Stainless steel
Cable entry plate
Elastomer
Wall-mounting bracket
Stainless steel
Self-adhesive spacer
Polyurethane
Wetted parts
Fluid connection
Biopolymer (EPDM seals)
Display
• 780 × 460 pixels resolution
• Capacitive 7" Touchscreen, backlit
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 6.
Weight
• Approx. 8 kg (if equipped with 1 × 100…240 V AC power supply module + 1 x HMIU
module + 5 sensor cubes)
• Up to 12 kg (if totally equipped)
Data logger
Integrated Micro SD, 2 GB; adjustable logging interval; external reading via USB or LAN
port
Electrical data
Operating voltage (“SUPPLY”)
• 100…240 V AC 50/60 Hz
– current consumption at 100 V AC: 0.8 A
– current consumption at 240 V AC: 0.3 A
– tolerance: ± 10 %
– integrated protective fuse: a slow blow 2 A fuse. The fuse cannot be replaced and
is integrated in the power supply.
or
• 20…30 V DC
– ± 10 % tolerance
– filtered and regulated
– connection to main supply: permanent (through external SELV and LPS power
supply)
Power consumption
Max. 96 VA
Medium data
Fluid
Water without particles: drinking water, industrial water
Fluid pH range1.)
pH 4…pH 9
Fluid conductivity
• > 50 µS/cm if there is no pH sensor cube
• > 100 µS/cm if there is one pH sensor cube
Temperature of the fluid sample
+ 3…+ 40 °C (+ 37…+ 104 °F)
Pressure of the fluid sample
Refer to See data sheets of the sensor cubes and accessories, use the lowest pressure
Flow rate of the fluid sample
Min. flow rate: 6 l/h per installed sensor module, so with e.g. 3 sensor modules the min.
flow rate is 6 + 6 + 6 = 18 l/h due to parallel installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com