Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS01 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # MS01
Description  Online Analysis System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

MS01 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button MS01 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG MS01 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Type 8905
10 | 12
Visit product website 
6.
Ordering information
6.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
6.2. Recommendation regarding product selection
The Online Analysis System Type 8905 is a compact and modular system in a single housing, offering a wide range of configuration
possibilities.
Thank you for your interest in our products! In order to provide you with the best possible advice, please contact your local Bürkert
branch office for customised system design.
6.3. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
6.4. Ordering chart
Note :
This table shows exemplary configurations of the online analysis system.
Description
Operating
voltage
Equipment
Article no.
MS01
sensor
cube
pH
MS02
sensor
cube
Chlorine
MS03
sensor
cube
Conduc-
tivity
MS04
sensor
cube
ORP
MS05
sensor
cube
Turbidity
PSU: incl.
100…240 V AC
power supply
Online Analysis System –
pH, Conductivity, Turbidity
24 V DC
1
–
1
–
1
–
On request
100…240 V AC 1
–
1
–
1
1
Online Analysis System –
pH, Chlorine, Turbidity
24 V DC
1
1
–
–
1
–
100…240 V AC 1
1
–
–
1
1
Online Analysis System –
pH, ORP, Conductivity,
Turbidity
24 V DC
1
–
1
1
1
–
100…240 V AC 1
–
1
1
1
1
Online Analysis System –
pH, Chlorine, ORP, Turbidity
24 V DC
1
1
–
1
1
–
100…240 V AC 1
1
–
1
1
1
Online Analysis System –
pH, Chlorine, Conductivity,
ORP, Turbidity
24 V DC
1
1
1
1
1
–
100…240 V AC 1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com