Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6STF15PCT03S20X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 6STF15PCT03S20X
Description  D-SUB Filter Male 15pos. Solder pin angled 90° with metal bracket, threaded insert and hexlocking screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6STF15PCT03S20X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  6STF15PCT03S20X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6STF15PCT03S20X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
scale
/Maßstab:
17.11.16
17.11.16
Lehmenkühler
Name
Henneboel
R
R
R
R
dim. in mm
15K1A1941
dwg no /
Z.-nr.:
RoHS & REACH compliant/konform
Date/Datum
appd./
gepr.
drawn/
gez.
DIN-
A3
D-SUB Filter Male 15pos. Solder pin angled 90°
with metal bracket, threaded insert and hexlocking screw
D-SUB Filter Stiftleiste 15pol. Lötstift gewinkelt 90°
mit Metallwinkel, Innengewinde und Sechskantbolzen
2 : 1
Index:
a Original
Status:
InBearbeitung
2 / 2
PCB EDGE/Leiterplatten Kante
FRONTPANEL/Vorderwand
6STF15PoT03S20X
CONEC ABC
3,
4
R
`0
,1
3
33,3 `0,1
28,8 `0,1
i 0,26 B
B
A
i 0,26 A
10°`1°
Recommended panel cut-out/
empfohlener Montageausschnitt:
1,37 `0,1
4,11 `0,1
6,86 `0,1
9,6 `0,1
33,3
+ 0,1
0,15
+
1
3,1 `0,1
n
(2x)
2,74 `0,1
5,49 `0,1
8,23 `0,1
1 - 0
0,1
+
n
(15x)
4,8
SW
4-40 UNC
PCB Hole drillings ( PCB Top side )/
Leiterplattenbohrbild (Leiterplatten Oberseite)
4-40 UNC
8,26 - 0,03
0,22
+
3,3 - 0,3
0,5
+
6,35 `0,3
2,25
10°
25,17 - 0,05
0,2
+
33,3 - 0,1
0,15
+
47,7 - 0
0,3
+
POS. 1
POS. 9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com