Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 2 Page - Texas Instruments

  TPS274C65CP_V01 Datasheet HTML 1Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 2Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 3Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 4Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 5Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 6Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 7Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 8Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................7
6.5 Electrical Characteristics.............................................7
6.6 Switching Characteristics............................................9
6.7 Typical Characteristics.............................................. 10
7 Parameter Measurement Information.......................... 11
8 Detailed Description......................................................12
8.1 Overview................................................................... 12
8.2 Functional Block Diagram......................................... 12
8.3 Feature Description...................................................12
8.4 Device Functional Modes..........................................24
9 Application and Implementation.................................. 25
9.1 Application Information............................................. 25
9.2 Typical Application.................................................... 25
9.3 Power Supply Recommendations.............................27
9.4 Layout....................................................................... 27
10 Device and Documentation Support..........................29
10.1 Documentation Support.......................................... 29
10.2 Receiving Notification of Documentation Updates..29
10.3 Support Resources................................................. 29
10.4 Trademarks.............................................................29
10.5 Electrostatic Discharge Caution..............................29
10.6 Glossary..................................................................29
11 Revision History.......................................................... 29
12 Mechanical, Packaging, and Orderable
Information.................................................................... 30
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com