Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65CP Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS274C65CP_V01 Datasheet HTML 9Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 10Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 11Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 12Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 13Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 14Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 15Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 16Page - Texas Instruments TPS274C65CP_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
VDD
Logic High
INPUT
VIH
STATE
Tied to VDD
CONNECTION
VIL
Tied to GND
Logic Low
RPD
ESD
Logic level input pin
Figure 8-1. Logic Level Input PIn
VDD
Inactive
OUTPUT
No Fault
STATE
Pulled-Up
STATUS
Fault
Pulled-Down
Active
RPU
ESD
Shows the structure of the open-drain output pin, nFAULT. The open-drain output requires an external pullup resistor to function
properly.
Figure 8-2. Open Drain Output Pin (ST)
8.3.2 Programmable Current Limit
The TPS274C65CP integrates an adjustable current limit feature. With external resistor at ILIMCFG pin, the
current limit of the device can be adjusted. When the overload or short-circuit situation happens, the device
clamps the current at preset current limit level.
A lower current limit lowers fault energy and current during a load failure event such as a short-circuit or a partial
load failure. By lowering fault energy and current, the overall system improves through:
• Reduced size and cost in current carrying components such as PCB traces and module connectors
• Less disturbance at the power supply (VS pin) during a short circuit event
• Less additional budget for the power supply to account for overload currents in one channel or more
• Improved protection of the downstream load
Table 8-1. ILIMCFG Table for TPS274C65CP
Resistor Value (kΩ)(1)
Typical ILIM Threshold (A)
13.3
0.25
17.8
0.4
23.7
0.56
31.6
0.72
44.2
1
59
1.25
78.7
1.6
110
1.9
www.ti.com
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com