Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC244AD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC244AD
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC244AD Datasheet HTML 5Page - NXP Semiconductors 74LVC244AD Datasheet HTML 6Page - NXP Semiconductors 74LVC244AD Datasheet HTML 7Page - NXP Semiconductors 74LVC244AD Datasheet HTML 8Page - NXP Semiconductors 74LVC244AD Datasheet HTML 9Page - NXP Semiconductors 74LVC244AD Datasheet HTML 10Page - NXP Semiconductors 74LVC244AD Datasheet HTML 11Page - NXP Semiconductors 74LVC244AD Datasheet HTML 12Page - NXP Semiconductors 74LVC244AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Oct 30
9
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8
1.2
−
17.0
−
ns
2.7
1.5
3.3
6.9
ns
3.0 to 3.6
1.5
2.8(1)
5.9
ns
tPZH/tPZL
3-state output enable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−
24.0
−
ns
2.7
1.5
3.3
8.6
ns
3.0 to 3.6
1.0
3.4(1)
7.6
ns
tPHZ/tPLZ
3-state output disable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−
9.0
−
ns
2.7
1.5
3.2
6.8
ns
3.0 to 3.6
1.5
2.9(1)
5.8
ns
tsk(0)
skew
note 2
−−
1.0
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8
1.2
−−−
ns
2.7
1.5
−
9.0
ns
3.0 to 3.6
1.5
−
7.5
ns
tPZH/tPZL
3-state output enable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.5
−
11
ns
3.0 to 3.6
1.0
−
9.5
ns
tPHZ/tPLZ
3-state output disable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.5
−
8.5
ns
3.0 to 3.6
1.5
−
7.5
ns
tsk(0)
skew
note 2
−−
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com