Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC244AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC244AD
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244AD Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC244AD Datasheet HTML 1Page - NXP Semiconductors 74LVC244AD Datasheet HTML 2Page - NXP Semiconductors 74LVC244AD Datasheet HTML 3Page - NXP Semiconductors 74LVC244AD Datasheet HTML 4Page - NXP Semiconductors 74LVC244AD Datasheet HTML 5Page - NXP Semiconductors 74LVC244AD Datasheet HTML 6Page - NXP Semiconductors 74LVC244AD Datasheet HTML 7Page - NXP Semiconductors 74LVC244AD Datasheet HTML 8Page - NXP Semiconductors 74LVC244AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2003 Oct 30
2
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A;
74LVCH244A
FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Inputs accept voltages up to 5.5 V
• High-impedance when VCC =0V
• Bushold on all data inputs (74LVCH244A only)
• Complies with JEDEC standard no. 8-1A
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74LVC244A/74LVCH244A is a high performance,
low-power, low-voltage, Si-gate CMOS device, superior to
most advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 or 5 V devices. In
3-state operation, outputs can handle 5 V. These features
allow the use of these devices as translators in a mixed
3.3 and 5 V environment.
The 74LVC244A/74LVCH244A is an octal non-inverting
buffer/line driver with 3-state outputs. The 3-state outputs
are controlled by the output enable inputs 1OE and 2OE.
A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state. Schmitt-trigger action at all
inputs makes the circuit highly tolerant for slower input rise
and fall times.
The 244 is functionally identical to the 240, but the 240 has
inverting outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay 1An to 1Yn, 2An to 2Yn
CL = 50 pF; VCC = 3.3 V
2.8
ns
CI
input capacitance
4.0
pF
CPD
power dissipation capacitance per buffer
VCC = 3.3 V; notes 1 and 2
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com